Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5018T Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE5018T
Description  Ultra Low Current Consumption 300mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5018T Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE5018T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACE5018T
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
7
Application Information
Selection of Input/ Output Capacitors
In general, all the capacitors need to be low leakage. Any leakage the capacitors have will reduce
efficiency, increase the quiescent current.
A recent trend in the design of portable devices has been to use ceramic capacitors to filter DC-DC
converter inputs. Ceramic capacitors are often chosen because of their small size, low equivalent series
resistance (ESR) and high RMS current capability. Also, recently, designers have been looking to ceramic
capacitors due to shortages of tantalum capacitors. Unfortunately, using ceramic capacitors for input
filtering can cause problems. Applying a voltage step to a ceramic capacitor causes a large current surge
that stores energy in the inductances of the power leads. A large voltage spike is created when the stored
energy is transferred from these inductances into the ceramic capacitor. These voltage spikes can easily
be twice the amplitude of the input voltage step.
Many types of capacitors can be used for input bypassing, however, caution must be exercised when
using multilayer ceramic capacitors (MLCC). Because of the self-resonant and high Q characteristics of
some types of ceramic capacitors, high voltage transients can be generated under some start-up
conditions, such as connecting the LDO input to a
live power source. Adding a 3Ω resistor in series with
an X5R ceramic capacitor will minimize start-up voltage transients.
The LDO also requires an output capacitor for loop stability. Connect a 1μF tantalum capacitor from OUT
to GND close to the pins. For improved transient response, this output capacitor may be ceramic.
C
OUT Auto-Discharge Function
ACE5018TB series can discharge the electric charge in the output capacitor (C
OUT), when a low signal to
the CE pin, which enables a whole IC circuit turn off, is inputted via the
N-channel transistor located between the V
OUT pin and the VSS pin (cf. BLOCK DIAGRAM). The COUT
auto-discharge resistance
value is set at 200Ω (V
OUT=3.0V @ VIN=5.0V at typical). The discharge time of
the output capacitor (C
OUT) is set by the COUT auto-discharge resistance (R) and the output capacitor
(C
OUT). By setting time constant of a COUT auto-discharge resistance value [RDISCHRG] and an output
capacitor value (COUT
) as τ (τ=C x R
DISCHRG), the output voltage after discharge via the N-channel
transistor is calculated by the following formulas.
( V : Output voltage after discharge, V
OUT(E) : Output voltage, t: Discharge time,
τ: C
OUT auto-discharge resistance RDISCHRG×Output capacitor (COUT) value C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com