Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M610161FST Datasheet(PDF) 1 Page - MTRONPTI

Part # M610161FST
Description  IEEE 1588 & Synchronous Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M610161FST Datasheet(HTML) 1 Page - MTRONPTI

  M610161FST Datasheet HTML 1Page - MTRONPTI M610161FST Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
MtronPTI - 2525 Shader Road - Orlando - Florida - 32804 - USA - 1-407-298-2000 - www.mtronpti.com
MtronPTI reserves the right to make changes to the product(s) and services(s) described herein without notice.
No liability is assumed as a result of their use or application.
M610x-SYNCE Series TCXO
IEEE 1588 & Synchronous Ethernet
Features:
Available in Clipped Sine Wave or CMOS output
Available in 10 pad or 4/5 pad options
Low phase noise and excellent g-sensitivity performance 1.5 ppb/g
Applications:
Synchronous Ethernet slave clocks ITU-T G.8262 EEC options 1 & 2
Compliant to Stratum 3 GR-1244-CORE & GR-253-CORE
SONET/SDH Network Timing
Wireless Communications
Designed to Support 1588 & SyncE Device Suppliers Like:
Microsemi
IDT
Semtech
Electrical Specifications:
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Frequency Range
F
10.000
38.880
MHz
Initial Accuracy
FI
-1.0
+1.0
ppm
@ 25˚C @ time of shipment
Frequency Stabilities
Operating Temperature
TA
See Ordering Information
vs Temperature
ΔF
T/F
0.3
ppm
TA = -40 °C to +85 °C
Ref GR1244CORE
vs Drift
40
ppb
After 24 hours at constant temperature
Free-Run Accuracy
-4.6
+4.6
ppm
Includes initial calibration @ +25 °C, deviation over
temperature, supply voltage and load variations, reflow
soldering, and 20 year aging.
vs. Supply Voltage
ΔF
VDD/F
±0.02
±0.1
ppm
±5% change in voltage
vs. Load
ΔF
LOAD/F
±0.02
±0.1
ppm
±5% change in load
RF Output
Output Type
See Ordering Information
Output Load
15
10/10
pF
kΩ / pF
HCMOS Output
Clipped Sine Wave Output
Symmetry (duty cycle)
TDC
40
50
60
%
Ref to ½ VS, HCMOS
Rise/Fall Time
TR/TF
8
ns
Ref. 10% to 90% VOUT, HCMOS
Output Logic Level (HCMOS)
VOH
80
% VDD
IOH/ IOL = ±4 mA, VS = +3.0 V
VOH
20
% VDD
IOH/ IOL = ±4 mA, VS = +3.0 V
Output Level (Clipped
Sinewave)
1.0
Vpk-pk
Frequency Adjustment
±9.2
ppm
Over Control Voltage Range
Control Voltage Range
0.3
0.3
0.5
2.7
3.0
4.5
V
For VS = 3.0 V
For VS = 3.3 V
For VS = 5.0 V
Input Resistance
100
kΩ
Linearity
3
%
Other Parameters
SSB Phase Noise
(under static conditions, 10MHz)
-100
dBc/Hz
@ 10 Hz Offset
-128
@ 100 Hz Offset
-148
@ 1 kHz Offset
-155
@ 10 kHz Offset
-156
@ 100 kHz Offset
Wander Generation
MTIE & TDEV per ITU-T G.8262 EEC option 2, GR-1244 &
ITU-T G.812 (See Figure A)
@ 0.1 Hz bandwidth
Supply Voltage & Current
Supply Voltage
VDD
See Ordering Information
VDC
Supply Current
ID
2.2
3.3
mA
HCMOS @ 13 MHz
1.5
2.2
mA
Clipped Sine Wave @ 13 MHz
Rev: 11/1/2012


Similar Part No. - M610161FST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61016F MITSUBISHI-M61016F Datasheet
54Kb / 8P
BUILTIN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
More results

Similar Description - M610161FST

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Microsemi Corporation
ZL30791 MICROSEMI-ZL30791 Datasheet
375Kb / 8P
IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
ZL30771 MICROSEMI-ZL30771 Datasheet
362Kb / 6P
IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com