Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90314ABLLW Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # MLX90314ABLLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314ABLLW Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button MLX90314ABLLW Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 25Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 24
Rev 2.2
23/Oct/01
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IO1
IO2
TSTB
FLT
OFC
VBN
VBP
TMP
COMS
GND
CMN
CMO
VMO
VDD1
FET
VDD
G
S
D
External FET
for Regulation
Pressure
Sensor
Oil
Pressure
(psi)
Communication
s
GND
Signal Out
V
+
Programmable Oil Pressure Gauge
This application example illustrates a fundamental
application of the MLX90314 and a bridge type
pressure sensor element. In this application, the
MLX90314 uses an external FET as a pass transistor to
regulate the voltage to the sensor and the analog portion
of the IC. This is known as Absolute Voltage Mode, where
voltage to the sensor and analog circuit is regulated independent
of the supply voltage. The MLX90314 can be operated in Ratiometric
Voltage Mode, in which the output (VMO) is tied to an A/D converter
sharing the same supply and ground reference. A third wiring option is
Current Mode, which allows the user a 4 to 20 milliampere current range to use as a
2-wire analog sensor.
Communications
Signal Out
GND
V+
Figure 10. Application Example
Figure 10a. Programmable Oil Pressure Gauge
Figure 10b. Programmable Oil Pressure Gauge Electrical Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com