Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90805S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MLX90805S
Description  Intelligent Triac Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90805S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MLX90805S Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 9
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 9
Rev 1.2
17/May/00
Applications Example - Soft Start with 2-Wire Setting
90805
T H P
Vref
FB
SET
RP
R1
R2
NTC
Pot
Vss
RZ
L
RM
ZC
N
Vdda
TRG
Cf
M
Soft Start With 2-Wire Setting
The speed control is performed in addition to the soft
start in this application. A potentiometer in 2-wire
connection is used to define different speed settings.
An additional resistor RP with value equal to the po-
tentiometer is used to keep the ADC input to be ra-
tiometric. In this case, the input signal for the ADC
varies between 0 and VREF/2.
The minimum speed corresponds to a potentiometer
set to its minimum value (i.e. Rpot = 0). Maximum
speed corresponds to a potentiometer set to its maxi-
mum value. When the mains voltage is applied to the
system, the motor starts running at a speed defined
by the potentiometer, as soon as the soft start time
has finished.
The disadvantage of the 2-wire application is that, at
maximum speed setting, the tolerance on the abso-
lute value of the potentiometer defines the tolerance
of the voltage at the SET input, resulting in a less
accurate selection of the maximum speed setting.
This can be avoided when using the 3-wire applica-
tion.
The voltage at SET is transferred to a 4 bit value to
address a ROM table in which the different phase
angles are defined with a 10 bit resolution.
The 2-wire mode is selected by connecting VFB to
VREF (eventually via a resistor).
Note:
R1, R2 and NTC are only needed for thermal pro-
tection, and can be left out otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com