Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB220L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SB220L
Description  2 Amp Schottky Rectifier 20V-100V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB220L Datasheet(HTML) 1 Page - Micro Commercial Components

  SB220L Datasheet HTML 1Page - Micro Commercial Components SB220L Datasheet HTML 2Page - Micro Commercial Components SB220L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
B220L
Thru
S
B2010L
2 Amp Schottky
Rectifier
20V-
100V
Features
Guardring for overvoltage protection
High forward surge capability
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
Operating Temperature: -55 to +125
Storage Temperature: -55 to +150
Maximum Thermal Resistance: 45oC/W Junction To Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SB220L
20V
14V
20V
SB230L
30V
21V
30V
SB240L
40V
28V
40V
SB260L
60V
42V
60V
SB2010L
100V
70V
100V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Rectified
Output current
IO
2A
TL = 100
Maximum surge
current
IFSM
35A
8.3ms h
,
sin
alf
e
Max peak forward
voltage
SB220L-SB240L
SB250L-SB260L
SB280L-SB2010L
VFM
.45V
.48V
IFM = 2.0A
Max peak reverse
current
IRM
0.2mA
20mA
TA = 25
TA = 100
Typical
junction
capacitance
CJ
180pF
VR = 4.0V,
f=1.0MHz
Revision:
A
201
7/11/25
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
1 of 3
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7
a.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
SB250L
50V
35V
50V
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
Micro Commercial Components
M C C
R
SB280L
80V
56V
80V
.70V


Similar Part No. - SB220L

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SB220L CHONGQING-SB220L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB220L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
SeCoS Halbleitertechnol...
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SB220 MCC-SB220 Datasheet
227Kb / 3P
2 Amp Schottky Rectifier 20V-60V
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
Micro Commercial Compon...
MBRD1020CT MCC-MBRD1020CT Datasheet
168Kb / 3P
10 Amp Schottky Rectifier 20V-100V
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com