Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL14PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL14PL
Description  1 Amp Low VF Schottky Rectifier 40 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL14PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SL14PL_16 Datasheet HTML 1Page - Micro Commercial Components SL14PL_16 Datasheet HTML 2Page - Micro Commercial Components SL14PL_16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
L14PL
THRU
S
L110PL
1 Amp
Low VF
Schottky Rectifier
40 to 100 Volts
Features
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Maximum Thermal Resistance; 2
0°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S
L14PL
SL14
40V
28V
40V
S
L16PL
SL16
60V
42V
60V
S
L110PL
SL110
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Ta =
75°C
Peak Forward Surge
Current
IFSM
28A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
S
L14PL
SL16PL
S
L110PL
VF
.
40V
.
55V
IFM = 1.0A;
TJ = 25°C
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TA = 25°C
SOD-123FL
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
B
20
16/10/23
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
•
Halogen free available upon request by adding suffix "-HF"
.
60V
Micro Commercial Components
M C C
R


Similar Part No. - SL14PL_16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL14PL MCC-SL14PL Datasheet
379Kb / 3P
High Current Capability
More results

Similar Description - SL14PL_16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL14A MCC-SL14A Datasheet
374Kb / 3P
1 Amp Low VF Schottky Rectifier 40~100 Volts
SL24A MCC-SL24A Datasheet
395Kb / 3P
2 Amp Low VF Schottky Rectifier 40~100 Volts
SL24PL MCC-SL24PL_16 Datasheet
360Kb / 3P
2 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL34A MCC-SL34A_17 Datasheet
428Kb / 4P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34AFL MCC-SL34AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34B MCC-SL34B Datasheet
423Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34PL MCC-SL34PL Datasheet
325Kb / 3P
3 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL36AFL MCC-SL36AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL54 MCC-SL54_16 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
SL54B MCC-SL54B Datasheet
507Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com