Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL26A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SL26A
Description  2 Amp Low VF Schottky Rectifier 40~100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL26A Datasheet(HTML) 2 Page - Micro Commercial Components

  SL26A Datasheet HTML 1Page - Micro Commercial Components SL26A Datasheet HTML 2Page - Micro Commercial Components SL26A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of
3
R evision:A
2017/06/28
Characteristics(Typical)
Micro Commercial Components
M C C
R
1
0
2
5
50
100
10
FIG2:Surge Forward Current Capability
10
20
Number of Cycles
20
30
40
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
040
80
120
160
2.5
2.0
1.5
1.0
0.5
0
FIG1:Io-TL Curve
Lead Tempreture(℃)
resistive or inductive
on P.C.B. with
0.2" x 0.2" (5.0 mm x 5.0 mm)
copper pad areas
40.0
20.0
FIG.4:TYPICAL REVERSE CHARACTERISTICS
40
60
80
Percent of Rated Peak Reverse Voltage(%)
0
20
100
0.001
100
10
1.0
0.1
0.01
25℃
100℃
FIG3:Forward Voltage
0.10
0.01
10.0
1.00
0.2
0.4
0.6
0.8
1.0
1.2
Ta=25℃
Instantaneous Forward Voltage (V)
1.4
30.0
SL24A
SL26A
SL210A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com