Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1044 Datasheet HTML 1Page - Texas Instruments TUSB1044 Datasheet HTML 2Page - Texas Instruments TUSB1044 Datasheet HTML 3Page - Texas Instruments TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
USB/DP/
Custom
Source
TUSB1044
SBU1
SBU2
DTX1
DTX2
DRX1
DRX2
PD Controller
CC1
CC2
Control
HPD
CTL
FLIP 0 1
D+/-
UTX1
UTX2
URX1
URX2
TX1
TX2
RX1
RX2
AUXp
AUXn
AUXp
AUXn
SBU1
SBU2
TX1
TX2
RX1
RX2
HPDIN
Copyright © 2017, Texas Instruments Incorporated
TUSB1044
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
TUSB1044 USB TYPE-C™ 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
1
1 Features
1
•
Protocol Agnostic Reversible 4 Channel Linear
Redriver Supporting up to 10 Gbps
•
Supports USB Type-C with USB 3.1 Gen 2 and
DisplayPort 1.4 as Alternate Mode.
•
Supports Processors with USB 3.1 and
DisplayPort Mux Integrated for Type-C
Applications
•
Supports Signal Conditioning Inside Type-C Cable
•
Cross-Point Mux for SBU Signals
•
GPIO and I2C Control for Channel Direction and
Equalization
•
Advanced Power Management by Monitoring USB
Power States and Snooping DP Link Training
•
Linear Equalization up to 11 dB at 4.05 GHz
•
Configuration through GPIO or I2C
•
Hot-Plug Capable
•
Single 3.3 V Supply
•
Industrial Temperature: –40ºC to 85ºC
TUSB1044I
•
Commercial Temperature: 0ºC to 70ºC TUSB1044
•
4 mm × 6 mm, 0.4 mm Pitch, 40-pin QFN
Package
2 Applications
•
Tablets
•
Notebooks
•
Desktops
•
Docking Stations
3 Description
The TUSB1044 is a USB Type-C Alt Mode redriver
switch supporting data rates up to 10 Gbps. This
protocol-agnostic
linear
redriver
is
capable
of
supporting USB Type-C Alt Mode interfaces including
DisplayPort.
The TUSB1044 provides several levels of receive
linear equalization to compensate for inter-symbol
interference (ISI) due to cable and board trace loss.
Operates on a single 3.3 V supply and comes in a
commercial and industrial temperature range.
All four lanes of the TUSB1044 are reversible making
it a versatile signal conditioner that can be used in
many applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1044
WQFN (40)
4.00 mm x 6.00 mm
TUSB1044I
WQFN (40)
4.00 mm x 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TUSB1044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044A TI1-TUSB1044A Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AI TI1-TUSB1044AI Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AIRNQR TI1-TUSB1044AIRNQR Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AIRNQT TI1-TUSB1044AIRNQT Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
More results

Similar Description - TUSB1044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com