Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP646YFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP646YFPR
Description  Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP646YFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS5MP646YFPR Datasheet HTML 9Page - Texas Instruments TS5MP646YFPR Datasheet HTML 10Page - Texas Instruments TS5MP646YFPR Datasheet HTML 11Page - Texas Instruments TS5MP646YFPR Datasheet HTML 12Page - Texas Instruments TS5MP646YFPR Datasheet HTML 13Page - Texas Instruments TS5MP646YFPR Datasheet HTML 14Page - Texas Instruments TS5MP646YFPR Datasheet HTML 15Page - Texas Instruments TS5MP646YFPR Datasheet HTML 16Page - Texas Instruments TS5MP646YFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DXX/CLKX
DXXX/CLKXX
tSKEW
50%
50%
50%
50%
tSKEW
DXX/CLKX
DXXX/CLKXX
tPD
50%
50%
tPD
50%
50%
13
TS5MP646
www.ti.com
SCDS371 – JANUARY 2018
Product Folder Links: TS5MP646
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω , tr = 100
ps, tf = 100 ps.
(2)
CL includes probe and jig capacitance.
Figure 16. tPD
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω , tr = 100
ps, tf = 100 ps.
(2)
CL includes probe and jig capacitance.
Figure 17. tSKEW(INTRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com