Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK155E Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK155E
Description  HIGH POWER DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK155E Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK155E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK155E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK155E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK155E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK155E Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
INPUT
Offset Voltage Drift
Offset Voltage vs ±Vcc
Input Impedance
Input Capacitance
Common Mode Rejection
Noise
OUTPUT
Output Voltage Swing
Output Voltage Swing
Power Bandwidth
Settling Time to 0.1%
Capacitive Load
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Max.
±40
±30
±30
±30
±2
±10
±50
-
±100
±10
-
-
-
-
-
-
-
-
-
-
-
80V
±5A
±Vcc
±Vcc
150°C
Total Supply Voltage
Output Current (within S.O.A.)
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
2.0°C/W
1
2
3
4
5
6
7
8
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
VIND
VIN
TJ
Unless otherwise noted ±VCC= ±35VDC, RCL = 0Ω and specifications apply to each amplifier.
Typical parameters are for reference only.
AV=-1V/V measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested.
Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6 TA=-55°C
Storage Temperature
Lead Temperature
Case Operating Temperature
(MSK155H/E)
(MSK155)
Thermal Resistance (DC)
Junction to Case
VIN=0V
VIN=0V
(DC)
VCM=±22VDC
F = 10Hz to 1KHz
RL=10K
IOUT=5A Pk
RL = 10Ω VOUT=20VRMS
2V Step
AV=+10V/V
VOUT = ±10V RL = 10Ω
F=10Hz RL = 10KΩ
Group A
Subgroup
-
1
2
3
1
2,3
2,3
-
1
2, 3
-
-
4
-
-
4
4
-
-
4
4
Typ.
±35
±20
±20
±20
±0.1
±2
±10
±5
±20
-
10
5
110
10
±33.5
±30
55
2
-
10
100
Min.
±10
-
-
-
-
-
-
-
-
-
-
-
95
-
-
±29
45
-
10
6
95
Min.
±10
-
-
-
-
-
-
-
-
-
-
-
90
-
-
±29
40
-
10
6
90
Max.
±40
±35
-
-
±10
-
-
-
±200
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±35
±20
-
-
±0.1
-
±10
±5
±20
-
10
5
110
10
±33.5
±30
55
2
-
10
100
Units
V
mA
mA
mA
mV
mV
µV/°C
µV/V
pA
nA
Ω
pF
dB
µVRMS
V
V
KHz
µS
nF
V/µS
dB
MSK155H/E
MSK155
Parameter
4
Test Conditions
ELECTRICAL SPECIFICATIONS
2
2
1
4
2
NOTES:
4
4
12
12
Quiescent Current
3 2
4
4
4
2
5
Each Amp
VIN=0V
4
Rev. A 12/01
2
2
Offset Voltage
Input Bias Current
VIN=0V
VCM=0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com