Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX623 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MX623
Description  Line-Powered Call Progress Tone Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX623 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MX623 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480091.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies.
Line- Powered Call Progress Detector
2
MX623 Preliminary Information
Q3:
Q2:
Q1:
Q0:
V
DD: Positive supply rail. A minimum supply voltage of 3.0 volts is required. Levels and voltages
within this decoder are dependent upon this supply.
Signal In: The composite audio input. Signals to this pin should be a.c. coupled. The d.c. bias of
the limiter section is set internally; this pin should not be loaded with any other circuitry.
No internal connection. Leave open circuit.
Xtal: The output of the on-chip clock oscillator inverter.
No internal connection. Leave open circuit.
Xtal/Clock: The input to the clock oscillator inverter. A 3.579545MHz Xtal or externally derived
clock should be connected here (see Figure 2).
V
SS: Negative supply rail (GND).
Hold: An input to control the Output Latch condition; employed in combination with the Data
Change output to facilitate, if required, Interrupt and/or handshake operations with a
µProcessor.
With Hold placed “Low”, with a tone input, the Data Change output will be held “High” at the next
data change, and the current output code is locked in the Output Latches regardless of any
changes to the input signal. The output code remains as held until this input is returned “High”
(see Figure 3). While this input is “High” the output data, Q0 - Q3, cycles normally with the input
audio. This pin has an internal 1.0M
Ω pullup resistor.
PURS: Power-Up ReSet. To reset internal circuitry at power-up; a logic “1” level is required at this
pin for a duration of at least 2.5ms after the Xtal/Clock input and full V
DD levels are applied. The
component configuration shown in Figure 2 is recommended; for slow-rising power supplies the
time constant of components should be increased accordingly.
IRQ: Interrupt Request. An output for µProcessor operation; normally “High” this output is latched
“Low” when an internal data change occurs if the Chip Select input is “High”. This output is reset
(“High”) the when Chip Select line is taken “Low”. To permit “wire-OR” connection with other
peripherals, this output has a low-impedance when “Low” and a high-impedance when “High”.
CS: Chip Select- A controlling function. When held “High” the Data Outputs Q0, Q1, Q2 and Q3
and the Data Change output are disabled. When taken “Low” the Data Outputs Q0, Q1, Q2 and
Q3 and the Data Change output are enabled; the Interrupt Request (IRQ) is reset (“High”) when
CS is taken “Low”. See Figures 3 and 4.
Data Change: A positive-going pulse is generated at this output when the data changes (Tone or
NOTONE). New tone-data is presented to the Q0, Q1, Q2 and Q3 Data Outputs if the Hold input is
set “High”. This is a tri-state output.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Data Outputs: A 4-bit parallel data word, forming a HEX character representing the decoded
tone frequency. This word is output after a successful decode. Table 1 details the Hex
character output codes for the relevant decoded tone frequencies. Upon power-up this output
is set to ‘E
H’, but no Data Change pulse generated. These are tri-state outputs.
Pin
Function



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com