Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL345A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SL345A
Description  3 Amp Low VF Schottky Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL345A Datasheet(HTML) 2 Page - Micro Commercial Components

  SL345A Datasheet HTML 1Page - Micro Commercial Components SL345A Datasheet HTML 2Page - Micro Commercial Components SL345A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
R evision:A
2017/12/26
Characteristics(Typical)
Micro Commercial Components
M C C
R
2 of 3
Ambient Temperature (℃)
1
0
2
5
50
100
10
10
20
Number of Cycles
20
30
40
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
INSTANTANEOUS REVERSE VOLTAGE (V)
FIG1 Forward Current Dearting Curve
FIG2: Surge Forward Current Capability
FIG3: Forward Voltage
FIG4: Typical Reverse Characteristics
Instantaneous Forward Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.01
0.1
1
T
J=25
oC
T
J=75
oC
T
J=125
oC
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
100000
T
J=125
oC
T
J=75
oC
T
J=25
oC
0
0
0.5
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
1.0
1.5
2.0
2.5
3.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com