Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL56B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL56B
Description  5 Amp Low VF Schottky Rectifier 40~100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL56B Datasheet(HTML) 1 Page - Micro Commercial Components

  SL56B Datasheet HTML 1Page - Micro Commercial Components SL56B Datasheet HTML 2Page - Micro Commercial Components SL56B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
L54B
THRU
S
L510B
5 Amp Low VF
Schottky Rectifier
40~100 Volts
Features
•
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TL = 95°C
Peak Forward Surge
Current
IFSM
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA Ta = 25°C
Maximum Instantaneous
Forward Voltage
VF
.
45V
IFM =
5.0A;
Ta = 25°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
2017/04/13
www.mccsemi.com
1 of
3
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7
a.
100A
8.3ms, half sine
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
•
•
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
Moisture Sensitivity Level 1
High
Surge forward current capability
•
Operating Temperature: -5
5°C to +150°C
•
Storage Temperature: -5
5°C to +150°C
•
Maximum Thermal Resistance; 1
6°C/W Junction To Lead
S
L54B
Micro Commercial Components
M C C
TM
60V
42V
60V
S
L54B
S
L56B
S
L510B
.
50V
.
70V
S
L54
S
L56B
S
L56
S
L510B
S
L510
100V
100V
70V
Ta = 100°C
10mA
DO-214AA
(SMB) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
.030
.
D
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.096
2.00
2.44
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT


Similar Part No. - SL56B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
SL56B WINNERJOIN-SL56B Datasheet
330Kb / 2P
Chip Schottky Barrier Diodes
logo
GOOD-ARK Electronics
SL56B GOOD-ARK-SL56B Datasheet
211Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SL56B CHENDA-SL56B Datasheet
223Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL56B CHENDA-SL56B Datasheet
904Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL56BF CHENDA-SL56BF Datasheet
884Kb / 2P
60 Volts Forward Current -
More results

Similar Description - SL56B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL14A MCC-SL14A Datasheet
374Kb / 3P
1 Amp Low VF Schottky Rectifier 40~100 Volts
SL24A MCC-SL24A Datasheet
395Kb / 3P
2 Amp Low VF Schottky Rectifier 40~100 Volts
SL24PL MCC-SL24PL_16 Datasheet
360Kb / 3P
2 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL34A MCC-SL34A_17 Datasheet
428Kb / 4P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34AFL MCC-SL34AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34B MCC-SL34B Datasheet
423Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34PL MCC-SL34PL Datasheet
325Kb / 3P
3 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL36AFL MCC-SL36AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL54 MCC-SL54_16 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
STU40100CT MCC-STU40100CT Datasheet
311Kb / 2P
40 Amp Ultra Low VF Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com