Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSP4056SS1XB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSSP4056SS1XB
Description  IR Receiver Module for Light Barrier Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP4056SS1XB Datasheet(HTML) 2 Page - Vishay Siliconix

  TSSP4056SS1XB Datasheet HTML 1Page - Vishay Siliconix TSSP4056SS1XB Datasheet HTML 2Page - Vishay Siliconix TSSP4056SS1XB Datasheet HTML 3Page - Vishay Siliconix TSSP4056SS1XB Datasheet HTML 4Page - Vishay Siliconix TSSP4056SS1XB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSSP40..SS1XB
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 19-Oct-16
2
Document Number: 82737
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
-0.3 to +6.0
V
Supply current (pin 3)
IS
5mA
Output voltage (pin 1)
VO
-0.3 to 5.5
V
Voltage at output to supply
VS - VO
-0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 3)
Ev = 0, VS = 5 V
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
-0.8
-
mA
Supply voltage
VS
2.5
-
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 400 mA
d-
7
-
m
Output voltage low (pin 1)
IOSL = 0.5 mA, Ee = 2 mW/m2,
test signal see fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/f0 < tpo < tpi + 6/f0,
test signal see fig. 1
Ee min.
-7
14
mW/m2
Maximum irradiance
tpi - 5/f0 < tpo < tpi + 6/f0,
test signal see fig. 1
Ee max.
50
-
-
W/m2
Directivity
Angle of half transmission
distance
ϕ1/2
-± 45
-
deg
16110
E e
T
tpi *
t
* tpi
10/f0 is recommended for optimal function
VO
VOH
VOL
t
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, t = 10 ms)
Output Signal
td 1)
tpo 2)
1) 7/f
0 < td < 15/f0
2) t
pi - 5/f0 < tpo < tpi + 6/f0
10
1000
100 000
e -
2)
0.1
E
Irradiance (mW/m
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Ouput pulse width
Input burst length
λ = 950 nm,
optical test signal, Fig. 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com