Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F12366 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Rev. 1.00
41 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
ADC Characteristics
Table 19. ADC Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VDDA
Ope�ating voltage
—
�.5
3.3
3.6
V
VADCI�
A/D Conve�te� input voltage
�ange
—
0
—
VREF+
V
VREF+
A/D Conve�te� Refe�ence
voltage
—
—
VDDA
VDDA
V
IADC
Cu��ent consu�ption
VDDA = 3.3 V
—
0.85
1
�A
IADC_D�
Powe� down cu��ent
consu�ption
VDDA = 3.3 V
—
—
0.1
μA
fADC
A/D Conve�te� clock
—
0.�
—
16
MHz
fS
Sa�pling �ate
—
0.05
—
1
MHz
TDL
Data latency
—
—
1�.5
—
1/fADC
Cycles
TS&H
Sa�pling & hold ti�e
—
—
3.5
—
1/fADC
Cycles
TADCCO�V A/D Conve�te� conve�sion
ti�e
—
—
16
—
1/fADC
Cycles
RI
Input sa�pling switch
�esistance
—
—
—
1
kΩ
CI
Input sa�pling capacitance
�o pin/pad capacitance
included
—
16
—
pF
tSU
Sta�tup up ti�e
—
—
—
1
μs
�
Resolution
—
—
1�
—
�its
I�L
Integ�al �on-linea�ity e��o�
fS = �50 kHz� VDDA = 3.3 V
—
±�
±5
LSB
D�L
Diffe�ential �on-linea�ity
e��o�
fS = �50 kHz� VDDA = 3.3 V
—
±1
—
LSB
EO
Offset e��o�
—
—
—
±10
LSB
EG
Gain e��o�
—
—
—
±10
LSB
�ote: 1. Gua�anteed �y design� not tested in p�oduction.
2. The figure below shows the equivalent circuit of the A/D Converter Sample-and-Hold input
stage whe�e CI is the sto�age capacito�� RI is the �esistance of the sa�pling switch and RS
is the output i�pedance of the signal sou�ce VS. �o��ally the sa�pling phase du�ation is
app�oxi�ately� 3.5/fADC. The capacitance� CI� �ust �e cha�ged within this ti�e f�a�e and
it �ust �e ensu�ed that the voltage at its te��inals �eco�es sufficiently close to VS fo�
accu�acy. To gua�antee this� RS �ay not have an a��it�a�ily la�ge value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com