Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F86A Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT67F86A
Description  TinyPower A/D Flash MCU with LCD
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F86A Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT67F86A Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 77Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F86A Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 213 page
background image
Rev. 1.10
80
��to�e� �0� �01�
Rev. 1.10
81
��to�e� �0� �01�
HT67F86A
TinyPowerTM A/D Flash MCU with LCD
HT67F86A
TinyPowerTM A/D Flash MCU with LCD
• PCS0 Register
Bit
7
6
5
4
3
2
1
0
Name
PCS0�
PCS06
PCS05
PCS04
—
—
PCS01
PCS00
R/W
R/W
R/W
R/W
R/W
—
—
R/W
R/W
P�R
0
0
0
0
—
—
0
0
Bit7~6
PCS07~PCS06:PC3pinfunctionselection
00,01:PC3
10:STPB
11:OSC2
Bit5~4
PCS05~PCS04:PC2pinfunctionselection
00,01:PC2
10:PTP2B
11:OSC1
Bit3~2
Unimplemented,readas“0”
Bit1~0
PCS01~PCS00:PC0pinfunctionselection
00,01,10:PC0
11:VREF
I/O Pin Structures
TheaccompanyingdiagramillustratestheinternalstructuresoftheI/Ologicfunction.Astheexact
logicalconstructionoftheI/Opinwilldifferfromthisdrawing,itissuppliedasaguideonlyto
assistwiththefunctionalunderstandingofthelogicfunctionI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.
M
U
X
VDD
Cont�ol Bit
Data Bit
Data Bus
W�ite Cont�ol Registe�
Chip Reset
Read Cont�ol Registe�
Read Data Registe�
W�ite Data Registe�
System Wake-up
wake-up Sele�t
I/� pin
Weak
Pull-up
Pull-high
Registe�
Sele�t
Q
D
CK
Q
D
CK
Q
Q
S
S
PA only
Logic Function Input/Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com