Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F5650 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT67F5650
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5650 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT67F5650 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F5650 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 235 page
background image
Rev. 1.30
��
De�e��e� 1�� �01�
Rev. 1.30
�3
De�e��e� 1�� �01�
HT67F5650/HT67F5660
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5650/HT67F5660
24-Bit Delta Sigma A/D + LCD Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VLVD
Low Voltage Dete�to� Voltage
—
LVDEN=1� VLVD=�.0V
-5%
�.0
+5%
V
LVDEN=1� VLVD=�.�V
�.�
V
LVDEN=1� VLVD=�.�V
�.�
V
LVDEN=1� VLVD=�.7V
�.7
V
LVDEN=1� VLVD=3.0V
3.0
V
LVDEN=1� VLVD=3.3V
3.3
V
LVDEN=1� VLVD=3.�V
3.�
V
LVDEN=1� VLVD=�.0V
�.0
V
ILVD
Low Voltage Dete�to� Cu��ent
—
LVR disa�le� LVDEN=1
—
75
1�0
μA
LVR ena�le� LVDEN=1
—
90
150
μA
IOL
I/O Po�t Sink Cu��ent
(PA� PB� PC� PD)
3V
VOL=0.1VDD
�
8
—
�A
5V
VOL=0.1VDD
10
�0
—
�A
LCD Sink Cu��ent
(SEG)
— PLCD=3V� VOL=0.1PLCD
�10
��0
—
μA
— PLCD=5V� VOL=0.1PLCD
350
700
—
μA
IOH
I/O Po�t Sou��e Cu��ent
(PA� PB� PC� PD)
3V
VOH=0.9VDD
-�
-�
—
�A
5V
VOH=0.9VDD
-5
-10
—
�A
LCD Sou��e Cu��ent
(SEG)
— PLCD=3V� VOH=0.9PLCD
-80
-1�0
—
μA
— PLCD=5V� VOH=0.9PLCD
-180
-3�0
—
μA
RPH
Pull-high Resistan�e of I/O Po�ts
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com