Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4539-E/ML Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC18F4539-E/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/ML Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC18F4539-E/ML Datasheet HTML 88Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 89Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 90Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 91Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 92Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 93Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 94Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 95Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 322 page
background image
PIC18FXX39
DS30485A-page 90
Preliminary
 2002 Microchip Technology Inc.
TABLE 9-5:
PORTC FUNCTIONS
TABLE 9-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T13CKI
bit0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input.
RC3/SCK/SCL
bit3
ST
RC3 can also be the synchronous serial clock for both SPI and I2C
modes.
RC4/SDI/SDA
bit4
ST
RC4 can also be the SPI Data In (SPI mode) or Data I/O (I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or Synchronous Serial Port data output.
RC6/TX/CK
bit6
ST
Input/output port pin, Addressable USART Asynchronous Transmit, or
Addressable USART Synchronous Clock.
RC7/RX/DT
bit7
ST
Input/output port pin, Addressable USART Asynchronous Receive, or
Addressable USART Synchronous Data.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
All Other
RESETS
PORTC
RC7
RC6
RC5
RC4
RC3
*
*
RC0
xxxx xxxx
uuuu uuuu
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
*
*
LATC0
xxxx xxxx
uuuu uuuu
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
*
*
TRISC0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTC.
* Reserved bits; do not modify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com