Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE518 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC12CE518
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC12CE518 Datasheet HTML 3Page - Microchip Technology PIC12CE518 Datasheet HTML 4Page - Microchip Technology PIC12CE518 Datasheet HTML 5Page - Microchip Technology PIC12CE518 Datasheet HTML 6Page - Microchip Technology PIC12CE518 Datasheet HTML 7Page - Microchip Technology PIC12CE518 Datasheet HTML 8Page - Microchip Technology PIC12CE518 Datasheet HTML 9Page - Microchip Technology PIC12CE518 Datasheet HTML 10Page - Microchip Technology PIC12CE518 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 7
PIC12C5XX
2.0
PIC12C5XX DEVICE VARIETIES
A
variety
of
packaging
options
are
available.
Depending
on
application
and
production
requirements, the proper device option can be
selected using the information in this section. When
placing orders, please use the PIC12C5XX Product
Identification System at the back of this data sheet to
specify the correct part number.
2.1
UV Erasable Devices
The UV erasable version, offered in ceramic side
brazed package, is optimal for prototype development
and pilot programs.
The
UV
erasable
version
can
be
erased
and
reprogrammed to any of the configuration modes.
Microchip’s PICSTART® PLUS and PRO MATE® pro-
grammers all support programming of the PIC12C5XX.
Third party programmers also are available; refer to the
Microchip Third Party Guide for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates or small volume applications.
The OTP devices, packaged in plastic packages permit
the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
Note:
Please note that erasing the device will
also erase the pre-programmed internal
calibration value for the internal oscillator.
The calibration value must be saved prior
to erasing the part.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who choose not to program a
medium to high quantity of units and whose code
patterns have stabilized. The devices are identical to
the OTP devices but with all EPROM locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please con-
tact your local Microchip Technology sales office for
more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.
2.5
Read Only Memory (ROM) Device
Microchip offers masked ROM to give the customer a
low cost option for high volume, mature products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com