Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40LP
Description  120 mA Schottky Rectifier 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40LP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40LP Datasheet HTML 1Page - Micro Commercial Components BAS40LP Datasheet HTML 2Page - Micro Commercial Components BAS40LP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40LP
120 mA
Schottky Rectifier
40 Volts
Features
Small surface mounting type
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.019REF.
0.470REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.017 REF.
0.420 REF.
G
0.011
0.015
0.27
0.37
H
0.001 REF.
0.030 REF.
L
0.013
0.017
0.34
0.44
A
B
D
C
L
H
E
G
F
www.mccsemi.com
Revision:
D
20
17/04/07
1 of
3
Symbol
Rating
Unit
VR
DC Reverse Voltage
40
V
IO
Mean Rectifying Current
120
mA
IFSM
Peak Forward Surge Current
@t=8.3ms
0.2
A
TJ
Junction Temperature
1
25
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
VF
Forward Voltage
(IF=
1mAdc)
---
---
0.38
IR
Reverse Current (note1)
(VR=30Vdc)
---
---
1
µAdc
SOD-882
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
_
+
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Suggested Solder
Pad Layout
(mm)
Note:
1. pulse test: tp=300 s; =0.02
(IF=
10mAdc)
---
---
0.5
Vdc
(IF=40mAdc)
---
---
1
(VR=40Vdc)
---
---
10
Cd
Diode capacitance
(VR=0V, f=1MHz)
---
---
5
pF
Marking: S6
Low diode capacitance. Low forward voltage
Halogen free available upon request by adding suffix "-HF"
Guard ring protected
Micro Commercial Components
M C C
R
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MaximumRatings@25OCUnlessOtherwiseSpecified
Parameter


Similar Part No. - BAS40LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40LP DIODES-BAS40LP Datasheet
78Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30503 Rev. 9 - 2
BAS40LP DIODES-BAS40LP Datasheet
96Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30503 Rev. 11 - 2
logo
GOOD-ARK Electronics
BAS40LP GOOD-ARK-BAS40LP Datasheet
373Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Diodes Incorporated
BAS40LP DIODES-BAS40LP Datasheet
329Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 16
BAS40LP-7 DIODES-BAS40LP-7 Datasheet
78Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30503 Rev. 9 - 2
More results

Similar Description - BAS40LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB715F MCC-RB715F Datasheet
177Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB721Q-40 MCC-RB721Q-40 Datasheet
397Kb / 3P
30 mA Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP Datasheet
323Kb / 3P
30 mA Schottky Rectifier 40 Volts
MCL103A MCC-MCL103A Datasheet
237Kb / 4P
350 mA Schottky Barrier Rectifier 20 to 40 Volts
RB520S-40-TP MCC-RB520S-40-TP Datasheet
196Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W_13 Datasheet
160Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F_13 Datasheet
135Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB721Q-40 MCC-RB721Q-40_13 Datasheet
257Kb / 3P
30 mA Rectifier 40 Volts
RB751S-40L2 MCC-RB751S-40L2 Datasheet
285Kb / 3P
30 mA Schottky Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP_13 Datasheet
260Kb / 3P
30 mA Schottky Rectifier 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com