Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS48 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS48
Description  350mA Schottky Barrier Rectifier 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS48 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS48_12 Datasheet HTML 1Page - Micro Commercial Components BAS48_12 Datasheet HTML 2Page - Micro Commercial Components BAS48_12 Datasheet HTML 3Page - Micro Commercial Components BAS48_12 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS48
Features
•
High Reliability
•
Low Reverse Current and Low Forward Voltage
Maximum Ratings
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Parameter
Symbol
Test
Condition
Repetitive
Peak Reverse
Voltage
VRRM
Ta = 25
Average
Forward
Current
IF(AV)
7.5A
Peak Forward
Surge Current
IFSM
Junction
Ambient
RthJA
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2012/01/01
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
A
B
C
Cathode
.165
.075
.030
MiniMELF
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex
7(C)-I.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)
350mA
Schottky
Barrier Rectifier
40 Volts
0.35A
t p 10ms
300K/W
On PC board
50mm
h50mm
h1.6mm
40V
10
A
IR =
•
Operating Temperature: -65
°C to +125°C
•
Storage Temperature: -65
°C to +150°C
•
Moisture Sensitivity Level 1


Similar Part No. - BAS48_12

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAS48-12V30 PAIRUI-BAS48-12V30 Datasheet
543Kb / 4P
DC-DC Converter
More results

Similar Description - BAS48_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
M5819 MCC-M5819 Datasheet
88Kb / 2P
0.6 Amp Schottky Barrier Rectifier 40 Volts
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SR240M MCC-SR240M Datasheet
81Kb / 2P
2 Amp Schottky Barrier Rectifier 40 Volts
logo
Microsemi Corporation
UPS140 MICROSEMI-UPS140 Datasheet
46Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
UPS840 MICROSEMI-UPS840 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
logo
Shanghai Lunsure Electr...
M5819 CHENYI-M5819 Datasheet
45Kb / 2P
0.6Amp schottky barrier rectifier 40 volts
logo
Micro Commercial Compon...
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
RB420D MCC-RB420D_06 Datasheet
808Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS Datasheet
211Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q Datasheet
449Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com