Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS70LP
Description  70 mA Schottky Rectifier 70 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS70LP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS70LP_13 Datasheet HTML 1Page - Micro Commercial Components BAS70LP_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70LP
70 mA
Schottky Rectifier
70 Volts
Features
Small surface mounting type
Low forward voltage and high breakdown voltage
A
B
D
C
L
H
E
G
F
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
MCC
TM
Micro Commercial Components
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4933
www.mccsemi.com
Revision:
E
20
13/06/19
1 of 2
SOD-882
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
DC Reverse Voltage
70
V
IF
Continuous Forward Current
70
mA
IFSM
Peak Forward Surge Current
100
mA
TJ
Junction Temperature
125
TSTG
Storage Temperature
-55 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=
1mAdc)
---
---
0.41
IR
Reverse Current
(VR=50Vdc)
---
---
100
µAdc
Vdc
(IF=
15mAdc)
---
---
1.0
Vdc
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Marking: S5
Suggested Solder
Pad Layout
(mm)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.019REF.
0.470REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.017 REF.
0.420 REF.
G
0.011
0.015
0.27
0.37
H
0.001 REF.
0.030 REF.
L
0.013
0.017
0.34
0.44
Halogen free available upon request by adding suffix "-HF"
2
1
1
2


Similar Part No. - BAS70LP_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70LP DIODES-BAS70LP_15 Datasheet
84Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
March 2011
More results

Similar Description - BAS70LP_13

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS70APT CHENMKO-BAS70APT Datasheet
348Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70CPT CHENMKO-BAS70CPT Datasheet
386Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70PT CHENMKO-BAS70PT Datasheet
387Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70SPT CHENMKO-BAS70SPT Datasheet
368Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70TAPT CHENMKO-BAS70TAPT Datasheet
228Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WAPT CHENMKO-BAS70WAPT Datasheet
213Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP Datasheet
340Kb / 2P
70 mA Schottky Rectifier 70 Volts
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
logo
Shenzhen Luguang Electr...
1S2760A LUGUANG-1S2760A Datasheet
205Kb / 2P
PRV : 70 Volts Io : 150 mA
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com