Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2FL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # M2FL
Description  1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

M2FL Datasheet(HTML) 1 Page - Micro Commercial Components

  M2FL Datasheet HTML 1Page - Micro Commercial Components M2FL Datasheet HTML 2Page - Micro Commercial Components M2FL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M1FL
THRU
M7FL
1.0 Amp Glass
Passivated Rectifier
50 to 1000 Volts
Maximum Ratings
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Maximum Thermal Resistance; 20°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
M1FL
50V
35V
50V
M2FL
100V
70V
100V
M3FL
200V
140V
200V
M4FL
400V
280V
400V
M5FL
600V
420V
600V
M6FL
800V
560V
800V
M7FL
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
T
L
=120°C
Peak Forward Surge
Current
IFSM
30A
8.3ms,half sine
Maximum
Instantaneous
Forward Voltage
V
F
1.1V
IFM = 1.0A
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
Ta= 25°C
Ta = 125°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Ideal for automated placement
•
High forward surge capability
Revision:
A
2017/07/22


Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note 1: High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of
3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.

.
7
0
1.20
E
.0

.



C
.004
.01

0.10
0.

D
.0

.

.

E
.173
.2

4.40
5.

(
.126
.

3.20

/
.0
20
.0


50
1.

(SMA-FL)
DO-221AC
•
Halogen free available upon request by adding suffix "-HF"
Features
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
R
M1
M2
M4
M5
M6
M7
M3
SUGGESTED SOLDER PAD
LAYOUT


Similar Part No. - M2FL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2FL MSYSTEM-M2FL Datasheet
109Kb / 3P
Super-mini Signal Conditioners Mini-M Series
logo
Shindengen Electric Mfg...
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U_17 Datasheet
530Kb / 4P
Super Fast Recovery Diode
logo
M-System Co.,Ltd.
M2FLS MSYSTEM-M2FLS Datasheet
108Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2FL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HDB101G MCC-HDB101G Datasheet
98Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts
1H1G MCC-1H1G Datasheet
365Kb / 2P
1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G Datasheet
410Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G_13 Datasheet
437Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com