Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2J-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GS2J-L
Description  2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS2J-L Datasheet(HTML) 2 Page - Micro Commercial Components

  GS2J-L Datasheet HTML 1Page - Micro Commercial Components GS2J-L Datasheet HTML 2Page - Micro Commercial Components GS2J-L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GS2A-L thru GS2M-L
Figure 2
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF
Reverse Junction Potential (Applied V + 0.7 Volts) - Volts
pF
Volts
1
10
100
10
20
30
40
50
60
Figure 3
Maximum Overload Surge Current
-55°C to +150°C
Amps
Cycles
Average Forward Rectified Current -
Aperesversus
Lead Temperature -°C
Peak Forward Current - Apere
sversus
Number of Cycles at 60Hz
Figure 4
Forward Derating Curve
020
40
60
80 100 120 140 160 180
0
.4
.8
1.2
1.6
2.0
2.4
2.8
Resistive or
Inductive Load
Amps
°C
200
60
40
4
400
1000
Typical
Distribution
Median
Instantaneous Forward Current -
Aperesversus
Instantaneous Forward Voltage -
Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Volts
Revision:
D
2017/11/13
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com