Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBFF-FSC Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # MBFF-FSC
Description  PrimaxPlus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBFF-FSC Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button MBFF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 10Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 11Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 12Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 13Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 14Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
17/05/2017 V11.0
10
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
175 InGaN Warm White: MBFF-FSC
Forward Current (mA)
08/12/2016 V7.0
9
InGaN Warm White: DDF-LJG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Radiation Pattern
Junction Temperature T
j(°C)
Junction Temperature T
j(°C)
Relative Luminous Intensity Vs Junction Temperature
I
V/IV(25°C) = f(Tj); IF = 20mA
Junction Temperature T
j(°C)
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(T
j); IF = 20mA
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-30
-10
10
30
50
70
90
110 130
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 20mA
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-30
-10
10
30
50
70
90
110 130
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 20mA
Relative Forward Voltage Vs Junction Temperature
∆V
F = VF - VF(25°C) = f(Tj); IF =20mA
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-50
-30
-10
10
30
50
70
90
110 130
∆Cx
∆Cy
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0.030
-50
-30
-10
10
30
50
70
90
110 130
Relative Wavelength Vs Junction Temperature
∆λdom = λdom - λdom (25°C) = f(Tj); IF = 20mA
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Forward Current Vs Ambient Temperature
Relative Intensity Vs Wavelength
Radiation Pattern
Relative Intensity Vs Forward Current
Forward Current (mA)
Wavelength; nm
Ambient Temperature
27/07/2016 V9.0
10
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Rja=90K/W
Rja=125K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
175 InGaN Warm White: MBFF-FSC
Relative Intensity Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Flux Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
Forward Current Vs Forward Voltage
Forward Voltage, V
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward current
Variables
Relative Intensity
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Vs Forward Current
Col_12
Variables
Col_13
0
50
100
150
200
250
5
5.5
6
6.5
7
7.5
Forward Current (mA)
27/07/2016 V9.0
10
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Rja=90K/W
Rja=125K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
175 InGaN Warm White: MBFF-FSC
Relative Intensity Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Flux Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
Forward Current Vs Forward Voltage
Forward Voltage, V
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward current
Variables
Relative Intensity
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Vs Forward Current
Col_12
Variables
Col_13
0
50
100
150
200
250
5
5.5
6
6.5
7
7.5
Forward Current (mA)
27/07/2016 V9.0
10
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Rja=90K/W
Rja=125K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
175 InGaN Warm White: MBFF-FSC
Relative Intensity Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Flux Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
Forward Current Vs Forward Voltage
Forward Voltage, V
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward current
Variables
Relative Intensity
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Vs Forward Current
Col_12
Variables
Col_13
0
50
100
150
200
250
5
5.5
6
6.5
7
7.5
Forward Current (mA)
27/07/2016 V9.0
10
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Rja=90K/W
Rja=125K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
175 InGaN Warm White: MBFF-FSC
Relative Intensity Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Flux Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
Forward Current Vs Forward Voltage
Forward Voltage, V
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward current
Variables
Relative Intensity
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Vs Forward Current
Col_12
Variables
Col_13
0
50
100
150
200
250
5
5.5
6
6.5
7
7.5
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com