Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7089-3 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE7089-3
Description  3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7089-3 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7089-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7089-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7089-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7089-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7089-3 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body Rated to 1 Watt Up to 50 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body Rated to
1 Watt Up to 50 GHz
PE7089-3
URL:
http://www.pasternack.com/3db-fixed-2.4mm-male-2.4mm-female-1-watt-attenuator-pe7089-3-p.aspx
PE7089-3 REV 1.3
RF Fixed Attenuators Technical Data Sheet
PE7089-3
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated
Stainless Steel Body Rated to 1 Watt Up to 50 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com