Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQW-SSG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # PQW-SSG
Description  PrimaxPlus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PQW-SSG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  PQW-SSG Datasheet HTML 1Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 2Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 3Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 4Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 5Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 6Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 7Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 8Page - DOMINANT Semiconductors PQW-SSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
10/07/2017 V6.0
2
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Flux @ 100mA (lm) Appx. 1.2
PQW-SSG-QR3-1
White
120
30.6
Electrical Characteristics at Tj=250C
Vf @ If = 100 mA Appx. 3.1
3.1
Part Number
Min. (V)
Typ. (V)
Max. (V)
PQW-SSG
2.8
3.4
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current (tp ≤ 10ms, Duty cycle = 0.5)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Thermal resistance
- Real Thermal Resistance
Junction / ambient, Rth JA real (Typ = 90K/W)
Junction / solder point, Rth JS real (Typ = 30K/W)
(Mounting on DOMINANT standard PCB)
180
360
5
2000
150
-40 … +125
-40 … +125
120
45
mA
mA
V
V
˚C
˚C
˚C
K/W
K/W
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
39.8
51.7
Vr @ Ir = 10uA
Min. (V)
5
InGaN White: PQW-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Notes:
1. High color rendering index (CRI). Minimum CRI of 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com