Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10ML Datasheet(PDF) 2 Page - Micro Commercial Components

Part # S10ML
Description  Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10ML Datasheet(HTML) 2 Page - Micro Commercial Components

  S10ML Datasheet HTML 1Page - Micro Commercial Components S10ML Datasheet HTML 2Page - Micro Commercial Components S10ML Datasheet HTML 3Page - Micro Commercial Components S10ML Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Average Forward Rectified Current - Amperes versus
Case Temperature - qC
Figure 2
Forward Derating Curve
40
60
100
120
140
160
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
qC
80
8
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
10
20
60
100
200
1000
Junction Capacitance - pF versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25qC
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
4
6
20
10
Amps
.5
1.5
.7
.9
1.1
1.3
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25qC
40
60
100
1.7
S10AL thru S10ML
www.mccsemi.com
2 of 4
Revision: E
2017/04/12
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com