Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP-0506S Datasheet(PDF) 4 Page - Recom International Power

Part # RP-0506S
Description  6V Output For GaN Driver Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP-0506S Datasheet(HTML) 4 Page - Recom International Power

  RP-0506S Datasheet HTML 1Page - Recom International Power RP-0506S Datasheet HTML 2Page - Recom International Power RP-0506S Datasheet HTML 3Page - Recom International Power RP-0506S Datasheet HTML 4Page - Recom International Power RP-0506S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
SPCLVD1602031
IEC60950-1, 2nd Edition, 2005 + Am2, 2013
EN60950-1, 2006 + Am2, 2013
Information Technology Equipment, General Requirements for Safety
E358085-A6-UL
UL60950-1, 1st Edition, 2007
CAN/CSA C22.2 No. 60950-1, 1st Edition, 2006
Medical Electric Equipment, General Requirements for Safety and Essential
Performance
SPCMDD1205098-4
IEC60601-1, 2005 + CORR 2, 2007
EN60601-1, 2006
Risk Management
RM120598
ISO14971:2007
RoHs 2+
RoHS 10/10, 2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Information techwnology equipment - Radio disturbance characteristics -
Limits and methods of measurement
without external filter
EN55022, Class A or B
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
black plastic, (UL94V-0)
Epoxy, (UL94V-0)
Package Dimension (LxWxH)
19.65 x 7.05 x 10.2mm
Package Weight
2.6g
continued on next page
Specifications (measured @ ta= 25°C, nom. Vin, full load unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 0/2017
www.recom-power.com
RP-xx06S
Series
EMI Filtering according to EN55022 Class A & B
+VIN
-VIN
+VOUT
-VOUT
L1
C1
C2
Component List Class A
Component List Class B
C1
C2
L1
22μF
470pF, 6kVDC N/A
MODEL
C1
C2
L1
RP-0506S
10μF
470pF, 6kVDC
10μH
RP-1206S
RP-1506S
4.7μF
22μH
RP-2406S
2.2μF
47μH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com