Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD13 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMD13
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMD13 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMD13 Datasheet HTML 1Page - NXP Semiconductors PUMD13 Datasheet HTML 2Page - NXP Semiconductors PUMD13 Datasheet HTML 3Page - NXP Semiconductors PUMD13 Datasheet HTML 4Page - NXP Semiconductors PUMD13 Datasheet HTML 5Page - NXP Semiconductors PUMD13 Datasheet HTML 6Page - NXP Semiconductors PUMD13 Datasheet HTML 7Page - NXP Semiconductors PUMD13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 2001 Feb 27
2003 Oct 08
DISCRETE SEMICONDUCTORS
PEMD13; PUMD13
NPN/PNP resistor-equipped
transistors; R1 = 4.7 k
Ω,R2=47kΩ


Similar Part No. - PUMD13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD13 PHILIPS-PUMD13 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD13 NXP-PUMD13 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PUMD13 NEXPERIA-PUMD13 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
PUMD13-Q NEXPERIA-PUMD13-Q Datasheet
250Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
More results

Similar Description - PUMD13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PDTC123J PHILIPS-PDTC123J Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
2004 Aug 13
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com