Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8412NGLV Datasheet(PDF) 1 Page - ebm-papst

Part # 8412NGLV
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8412NGLV Datasheet(HTML) 1 Page - ebm-papst

  8412NGLV Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
45
Air performance measured according to: ISO 5801. Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002 measured on half-sphere of 2 m; Sound pressure level LpA measured at 1 m distance from fan axis.
The values given are applicable only under the specified measuring conditions and may differ depending on the installation conditions. In the event of deviation
from the standard configuration, the parameters must be checked after installation! For detailed information see http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- External temperature sensor
- Internal temperature sensor
- Moisture protection
Max.
58 m3/h
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
Via single wires AWG 24,
TR 64
– Highlights:
Automatic speed adjustment
with temperature sensor
– Weight:
95 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
8412 NGLV
20
11.8
12
10...14
< 10
< 3
0.9
900
-20...+65
80 000 / 45 000
135 000
¿
33
19.4
12
3.5
1.1
1 500
¡
8412 NGMLV
27
15.9
12
8...14
< 10
3.0
1.1
1 200
-20...+65
80 000 / 45 000
135 000
¬
45
26.6
19
3.9
1.5
2 050
√
8412 NGMI
35
20.6
12
8...14
< 13
3.5
1.4
1 600
-20...+65
80 000 / 45 000
135 000
ƒ
58
34.1
26
4.3
2.0
2 600
≈
Subject to change
30°C
50°C
30°C
50°C
30°C
50°C
The temperature sensor for controlling the
motor speed is not included in the scope of
delivery.
For the temperature sensor LZ 370, see
accessories.
The temperature sensor (NTC resistor)
for controlling the motor speed
is positioned in the fan hub directly
in the air flow.
V types
I types
Tin-pla
ted
Finger guards
from p. 242
DC axial fans
 80 x 25 mm
Series 8400 N
VARIOFAN
Nominal data


Similar Part No. - 8412NGLV

ManufacturerPart #DatasheetDescription
logo
ebm-papst
8412NGLV EBMPAPST-8412NGLV Datasheet
152Kb / 4P
DC axial compact fan
More results

Similar Description - 8412NGLV

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com