Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV5218N Datasheet(PDF) 1 Page - ebm-papst

Part # DV5218N
Description  DC diagonal compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

DV5218N Datasheet(HTML) 1 Page - ebm-papst

  DV5218N Datasheet HTML 1Page - ebm-papst DV5218N Datasheet HTML 2Page - ebm-papst DV5218N Datasheet HTML 3Page - ebm-papst DV5218N Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC diagonal compact fan
sickle-shaped blades (S series)
DV 5218 N
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
DV 5218 N
Nominal voltage
VDC
48
Nominal voltage range
VDC
36 .. 60
Speed (rpm)
min-1
5000
Power consumption
W
18.5
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
65
Air flow
m3/h
270
Sound power level
B
6.4
Sound pressure level
dB(A)
56
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
ENU (Web) · Approved 2016-06-22 · Page 1 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - DV5218N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV5212N EBMPAPST-DV5212N Datasheet
389Kb / 4P
DC diagonal compact fan
DV5214/2NU-807 EBMPAPST-DV5214/2NU-807 Datasheet
417Kb / 1P
DC axial fans
DV5214N EBMPAPST-DV5214N Datasheet
389Kb / 4P
DC diagonal compact fan
DV5214NU EBMPAPST-DV5214NU Datasheet
417Kb / 1P
DC axial fans
More results

Similar Description - DV5218N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
DC diagonal fan
DV4114N EBMPAPST-DV4114N Datasheet
239Kb / 4P
DC diagonal compact fan
DV6224 EBMPAPST-DV6224_16 Datasheet
370Kb / 4P
DC diagonal compact fan
DV63182TDH5P EBMPAPST-DV63182TDH5P Datasheet
569Kb / 4P
DC diagonal fan
DV4112N EBMPAPST-DV4112N Datasheet
342Kb / 4P
DC diagonal compact fan
DV4118N EBMPAPST-DV4118N Datasheet
342Kb / 4P
DC diagonal compact fan
DV5212N EBMPAPST-DV5212N Datasheet
389Kb / 4P
DC diagonal compact fan
DV5214N EBMPAPST-DV5214N Datasheet
389Kb / 4P
DC diagonal compact fan
DV6224TD EBMPAPST-DV6224TD Datasheet
370Kb / 4P
DC diagonal compact fan
DV63182TDH4P EBMPAPST-DV63182TDH4P Datasheet
240Kb / 4P
DC diagonal fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com