Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP6185SEQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP6185SEQ
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6185SEQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP6185SEQ Datasheet HTML 1Page - Diodes Incorporated DMP6185SEQ Datasheet HTML 2Page - Diodes Incorporated DMP6185SEQ Datasheet HTML 3Page - Diodes Incorporated DMP6185SEQ Datasheet HTML 4Page - Diodes Incorporated DMP6185SEQ Datasheet HTML 5Page - Diodes Incorporated DMP6185SEQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP6185SEQ
Document Number DS39536 Rev. 1 - 2
3 of 6
www.diodes.com
February 2017
© Diodes Incorporated
DMP6185SEQ
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1
2
3
4
5
V
= -1.2V
GS
V
= -1.5V
GS
V
= -1.8V
GS
V
= -2.0V
GS
V
= -8V
GS
V
= -2.5V
GS
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0
5
10
15
20
V
= -4.5V
GS
V
= -2.5V
GS
-V
, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristics
GS
0
0.1
0.2
0.3
0.4
0.5
0
1
2
I = 3.4A
D
3
4
5
6
7
8
I = 4.2A
D
I = 2.0A
D
-I , DRAIN SOURCE CURRENT (A)
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
1
2
3
4
5
6
7
8
9
10
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
= -4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
V
= -2.5V
I = -5A
GS
D
V
= -4.5V
I = -10A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com