Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSX-ASS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSX-ASS
Description  Right Angle DomiLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-ASS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSX-ASS Datasheet HTML 1Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 2Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 3Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 4Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 5Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 6Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 7Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 8Page - DOMINANT Semiconductors DSX-ASS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
10/03/2016 V5.0
3
AllnGaP : DSx-ASS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Group
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DSS; Super red
DSA; Amber
DSY; Yellow
DSG; Green
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
610 - 621
610 - 615
615 - 621
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
564.5 - 576.5
564.5 - 567.5
567.5 - 570.5
570.5 - 573.5
573.5 - 576.5
H2
J1
J2
K1
K2
L1
L2
M1
M2
3.55...4.50
4.50...5.60
5.60...7.20
7.20...9.00
9.00...11.20
11.20...14.00
14.00...18.00
18.00...22.40
22.40...28.50
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Dominant wavelength is measured with an accuracy ± 1nm
Luminous intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com