Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-LLG Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # SSW-LLG
Description  SpiceLEDTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSW-LLG Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button SSW-LLG_16 Datasheet HTML 3Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 4Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 5Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 6Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 7Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 8Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 9Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 10Page - DOMINANT Semiconductors SSW-LLG_16 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
26/10/2016 V7.0
7
InGaN White S-Spice : SSW-LLG
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
0
10
20
30
40
50
Forward Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0 o
10 o
70 o
60 o
50 o
40 o
30 o
20 o
90 o
80 o
0.6
0.8
1.0
0.2
0.4
0
Radiation Pattern
DOMINANT
Opto Technologies
Innovating Illumination
TM
Luminous Intensity Group at Tj=25˚C
Measurement Report
Report No.
FAE0032_LED Optical Measuremnet
Date :
Measurement Equipment
Measurement condition
Spectrometer :
Instrument Systems CAS140B
Temperature :
25
°C
Power Source :
Keithley 2400
Humidity :
<65%
RH
Project Name :
Chromaticity vs forward current test
May Tan
Measurement Data
(mA)
SSW-DLD
1
0.5
0.3019
0.3031
-0.0016
-0.0011
0.3073
0.3106
-0.0016
-0.0013
0.3057
0.3089
-0.0020
-0.0015
-0.0017
-0.0013
2
1.0
0.3021
0.3035
-0.0014
-0.0007
0.3079
0.3109
-0.0010
-0.0010
0.3061
0.3092
-0.0016
-0.0012
-0.0013
-0.0010
Forward current = 20mA
3
1.5
0.3023
0.3036
-0.0012
-0.0006
0.3080
0.3113
-0.0009
-0.0006
0.3063
0.3096
-0.0014
-0.0008
-0.0012
-0.0007
4
2.0
0.3024
0.3037
-0.0011
-0.0005
0.3080
0.3114
-0.0009
-0.0005
0.3064
0.3096
-0.0013
-0.0008
-0.0011
-0.0006
5
2.5
0.3025
0.3038
-0.0010
-0.0004
0.3081
0.3115
-0.0008
-0.0004
0.3066
0.3097
-0.0011
-0.0007
-0.0010
-0.0005
6
3.0
0.3025
0.3038
-0.0010
-0.0004
0.3082
0.3115
-0.0007
-0.0004
0.3068
0.3098
-0.0009
-0.0006
-0.0009
-0.0005
7
3.5
0.3027
0.3039
-0.0008
-0.0003
0.3084
0.3116
-0.0005
-0.0003
0.3069
0.3099
-0.0008
-0.0005
-0.0007
-0.0004
8
4.0
0.3028
0.3039
-0.0007
-0.0003
0.3085
0.3116
-0.0004
-0.0003
0.3070
0.3100
-0.0007
-0.0004
-0.0006
-0.0003
9
4.5
0.3031
0.3040
-0.0004
-0.0002
0.3085
0.3117
-0.0004
-0.0002
0.3070
0.3101
-0.0007
-0.0003
-0.0005
-0.0002
10
5.0
0.3030
0.3041
-0.0005
-0.0001
0.3087
0.3117
-0.0002
-0.0002
0.3072
0.3101
-0.0005
-0.0003
-0.0004
-0.0002
11
10.0
0.3035
0.3041
0.0000
-0.0001
0.3090
0.3117
0.0001
-0.0002
0.3075
0.3101
-0.0002
-0.0003
0.0000
-0.0002
12
15.0
0.3035
0.3041
0.0000
-0.0001
0.3090
0.3117
0.0001
-0.0002
0.3076
0.3104
-0.0001
0.0000
0.0000
-0.0001
15
20.0
0.3035
0.3042
0.0000
0.0000
0.3089
0.3119
0.0000
0.0000
0.3077
0.3104
0.0000
0.0000
0.0000
0.0000
Chromacity Chart
Delta CX
Delta CY
Average
CX
CY
Delta CX
Delta CY
CX
CY
21st May 2015
Requestor
Device
No.
IF
Unit 1
Unit 2
Unit 3
CY
Delta CX
Delta CX
Delta CY
CX
Delta CY
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Chromaticity Coordinate Shift
Delta
CX
Delta
CY
Cy
Summary
NA
-0.0050
-0.0040
-0.0030
-0.0020
-0.0010
0.0
2.0
4.0
6.0
8.0 10.0 12.0 14.0 16.0 18.0 20.0
Forward current (mA)
CY
Cx
Page 1 of 1
Chromaticity Coordinate Shift ( Tj=25° C )
Forward current (mA)
Variables
Cx
Cy
0
2
4
6
8
10 12 14 16 18 20
-0.03
-0.02
-0.01
0
0.01
0.02
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com