Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAT54M
Description  150mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54M Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT54M Datasheet HTML 1Page - Micro Commercial Components BAT54M Datasheet HTML 2Page - Micro Commercial Components BAT54M Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54M
Revision: A
2016/02/15
www.mccsemi.com
2 of 3
0
5
10
15
20
25
30
0
5
10
15
20
0
25
50
75
100
125
0
50
100
150
200
0
100
200
300
400
500
600
0.1
1
10
100
010
30
40
0.01
0.1
1
10
100
300
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(℃)
Forward
Characteristics
FORWARD VOLTAGE
V
F
(mV)
200
Pulsed
Pulsed
Reverse
Characteristics
20
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
T
a
=100℃
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com