Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2G-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ES2G-L
Description  2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES2G-L Datasheet(HTML) 2 Page - Micro Commercial Components

  ES2G-L Datasheet HTML 1Page - Micro Commercial Components ES2G-L Datasheet HTML 2Page - Micro Commercial Components ES2G-L Datasheet HTML 3Page - Micro Commercial Components ES2G-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.
1-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
0.
4
0.
8
1.2
1.6
2.0
2.4
LEAD TEMPERATURE(℃)
FIG.
2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
Tj=25 C
Revision: G
2018/02/26
ES2A-L thru ES2J-L
www.mccsemi.com
2 of
4
Micro Commercial Components
M C C
R
Instantaneous Forward Voltage(V)
FIG.4:TYPICAL REVERSE CHARACTERISTICS
20
40
60
Percent of Rated Peak Reverse Voltage(%)
Tj=150℃
0
80
100
0.1
1.0
10
100
1000
Tj=25℃
Tj=100℃
Tj=125℃
10000
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.05
.5
.5
5
5
5
50
50
50
ES2J-L
ES2G-L
ES2A-L~ES2D-L
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.01
0.1
1
10
20
TJ=25℃
Pulse width=300us
1% Duty Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com