Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK270P-3CD3CG Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KK270P-3CD3CG
Description  HIGH EFFICIENCY MULTICRYSTALLINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KK270P-3CD3CG Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KK270P-3CD3CG Datasheet HTML 1Page - Kyocera Kinseki Corpotation KK270P-3CD3CG Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KK270P-3CD3CG
HIGH EFFICIENCY MULTICRYSTALLINE
PHOTOVOLTAIC MODULE
HIGHLIGHTS OF KYOCERA PHOTOVOLTAIC MODULES
APPLICATIONS
LIMITED WARRANTY
ELECTRICAL CHARACTERISTICS
This module has passed 2,400Pa mechanical load test based on IEC61215 ed.2
This module is manufactured in ISO9001 certified factories.
Registered No.: JMI0036 (Japan), CN07/00321(China), FM26856 (Mexico)
TUV.COM Internet platform for tested quality and service ID 0000023299.
Kyocera’s advanced cell processing technology and automated production facilities produce highly efficient multi crystalline
photovoltaic modules.
The conversion efficiency of the Kyocera solar cell is over 18.4%.
These cells are encapsulated between a tempered glass cover and a EVA pottant with back sheet to provide efficient
protection from severe environmental conditions.
The entire laminate is installed an anodized aluminum frame to provide structural strength and ease of installation.
Equipped with plug in connectors.
Grid-Connected Systems
●Residential Solar Power Systems
●Public and Industrial Solar Power Systems
Stand -Alone Solar Power Systems for
●Villages in remote areas
●Homes and summer cottages
●Microwave/Radio repeater stations
●Medical facilities in rural areas
●Emergency communication
●Water quality and environmental
data monitoring
●Drinking and livestock water pumping
●Irrigation pumping
●Cathodic protection
●Aviation obstruction lighting
●Environmental data monitoring
●Railway signals
●Street lighting
●Desalination
*Limited warranty on material and workmanship: For warranty period, please refer to Warranty issued by Kyocera
*25years limited warranty on power output: For detail, please refer to “ category V” in Warranty issued by Kyocera
(Long term output warranty shall warrant if PV Module(s) exhibits power output of less than 90% of the original minimum rated power specified at the time of sale within 10 years and
less than 80% within 25
years after the date of sale the Customer. The power output values shall be those measured under Kyocera‘s standard measurement conditions. Regarding
the warranty conditions in detail, please refer to Warranty issued by Kyocera)
Current-Voltage characteristics of Photovoltaic Module
KK270P-3CD3CG at various cell temperatures
at Kyocera Corporation laboratory.
Current-Voltage characteristics of Photovoltaic
Module KK270P-3CD73CG at various irradiance levels
at Kyocera Corporation laboratory.
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
0
10
20
30
40
1000w/m2
800w/m2
600w/m2
400w/m2
200w/m2
75
̊C 50 ̊C 25 ̊C


Similar Part No. - KK270P-3CD3CG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK2700A LUGUANG-KK2700A Datasheet
3Mb / 3P
FAST TURN-OFF THYRISTORS
More results

Similar Description - KK270P-3CD3CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSX60 ETC2-MSX60 Datasheet
117Kb / 4P
60-Watt Multicrystalline Photovoltaic Module
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
High efficiency
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
High efficiency
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
High efficiency
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
High Efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
High efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com