Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4059S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4059S
Description  High Power Infrared Emitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059S Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4059S Datasheet HTML 1Page - OSRAM GmbH SFH4059S Datasheet HTML 2Page - OSRAM GmbH SFH4059S Datasheet HTML 3Page - OSRAM GmbH SFH4059S Datasheet HTML 4Page - OSRAM GmbH SFH4059S Datasheet HTML 5Page - OSRAM GmbH SFH4059S Datasheet HTML 6Page - OSRAM GmbH SFH4059S Datasheet HTML 7Page - OSRAM GmbH SFH4059S Datasheet HTML 8Page - OSRAM GmbH SFH4059S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2016-08-11
1
2016-08-11
High Power Infrared Emitter (850 nm)
Version 1.5
SFH 4059S
Ordering Information
Features:
•
High optical power
•
Double Stack emitter
•
Very small package: (LxWxH) 3.2 mm x 1.6 mm x 1.85 mm
Applications
•
Miniature photointerrupters
•
Industrial electronics
•
For control and drive circuits
•
Mobile devices
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Irradiance
Radiant intensity
Ordering Code
E
e [mW/cm
2]
I
e, typ [mW/sr]
I
F = 50 mA, tp = 20 ms
I
F=50 mA, tp= 20 ms
SFH 4059S
16 (≥ 6.3)
95
Q65111A2990
SFH 4059S-RS
10 ... 32
Q65111A5306
Note:
Ie measured with a detector (11.3 mm diameter) in 100 mm distance (Ω = 0.01 sr) to the device surface
Ee measured in the near field with a detector (7.2 mm diameter) in 20 mm distance (Ω = 0.1 sr) to the device
surface


Similar Part No. - SFH4059S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4059S OSRAM-SFH4059S Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
High Power Infrared Emitter (850 nm)
logo
ams AG
SFH4059SR AMSCO-SFH4059SR Datasheet
764Kb / 17P
Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
SFH4059SR-RS AMSCO-SFH4059SR-RS Datasheet
764Kb / 17P
Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
More results

Similar Description - SFH4059S

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com