Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4232 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4232
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4232 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4232_15 Datasheet HTML 2Page - OSRAM GmbH SFH4232_15 Datasheet HTML 3Page - OSRAM GmbH SFH4232_15 Datasheet HTML 4Page - OSRAM GmbH SFH4232_15 Datasheet HTML 5Page - OSRAM GmbH SFH4232_15 Datasheet HTML 6Page - OSRAM GmbH SFH4232_15 Datasheet HTML 7Page - OSRAM GmbH SFH4232_15 Datasheet HTML 8Page - OSRAM GmbH SFH4232_15 Datasheet HTML 9Page - OSRAM GmbH SFH4232_15 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2015-12-01
6
Version 1.4
SFH 4232
Note:
Corrosion robustness better than EN 60068-2-60 (method 4): with enhanced corrosion test: 40°C / 90%rh
/ 15ppm H2S / 336h
Type:
SFH 4232
Package
Platinum Dragon
Approximate Weight:
0.2 g
Recommended Solder Pad
Dimensions in mm (inch).
Attention
Anode and Heatsink are electrically connected
Solder resist
Freies Kupfer
Bare Copper
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHAY0681
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com