Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4244 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4244
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4244 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4244_16 Datasheet HTML 1Page - OSRAM GmbH SFH4244_16 Datasheet HTML 2Page - OSRAM GmbH SFH4244_16 Datasheet HTML 3Page - OSRAM GmbH SFH4244_16 Datasheet HTML 4Page - OSRAM GmbH SFH4244_16 Datasheet HTML 5Page - OSRAM GmbH SFH4244_16 Datasheet HTML 6Page - OSRAM GmbH SFH4244_16 Datasheet HTML 7Page - OSRAM GmbH SFH4244_16 Datasheet HTML 8Page - OSRAM GmbH SFH4244_16 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Version 1.4
SFH 4244
2016-08-11
5
Radiation Characteristics 3) page 12
Irel = f(ϕ), TA= 25°C
Package Outline
Dimensions in mm (inch).
Package
SIDELED
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
GPLY6880
(R1)
Cathode marking
Cathode
Anode
(2.4 (0.094))
0.9 (0.035)
1.1 (0.043)
spacing
2.54 (0.100)
(2.85 (0.112))
(1.4 (0.055))
3.8 (0.150)
4.2 (0.165)
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com