Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4255 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4255
Description  High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4255 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4255 Datasheet HTML 1Page - OSRAM GmbH SFH4255 Datasheet HTML 2Page - OSRAM GmbH SFH4255 Datasheet HTML 3Page - OSRAM GmbH SFH4255 Datasheet HTML 4Page - OSRAM GmbH SFH4255 Datasheet HTML 5Page - OSRAM GmbH SFH4255 Datasheet HTML 6Page - OSRAM GmbH SFH4255 Datasheet HTML 7Page - OSRAM GmbH SFH4255 Datasheet HTML 8Page - OSRAM GmbH SFH4255 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-09-23
1
2016-09-23
High Power
Version 1.4
SFH 4255
Ordering Information
Features:
•
High Power Infrared LED
•
Short switching times
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Sensor technology
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4255
20 (≥ 10)
Q65110A2467
SFH 4255-S
16 ... 32
Q65111A9683
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4255

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
152Kb / 10P
10IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4255 OSRAM-SFH4255_12 Datasheet
152Kb / 10P
10IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results

Similar Description - SFH4255

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
HIGH POWER
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
HIGH POWER
logo
A-BRIGHT Inc
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
High Power
AL-00-2UY1CT A-BRIGHT-AL-00-2UY1CT Datasheet
294Kb / 6P
High Power
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com