Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1200RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA1200RW
Description  2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1200RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA1200RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 2Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 12W Output Power
• 2:1 Input Voltage Range
• Compact DIP Case
• 1,600 VDC I/O Isolation
• Meets EN 55032 “A”
• Single & Dual Outputs
• Remote On/Off Control
• Wide Temperature Operation
• Industry Standard Pin-Out
MA1200RW
2:1 Input Range, 12W
Single & Dual Output
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
72.0
Start Up Time
Nominal VIN & Constant Resistive Load
20
mS
Input Filter
(Pi) Filter
Input Reflected Ripple Current
20.0
mA P - P
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.2
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation, See Note 2
Single Output
±0.5
%
Dual Output
±1.0
Cross Regulation, Dual Output
See Note 3
±5.0
%
Ripple & Noise (20 MHz)
See Note 4
85
mV P - P
Transient Recovery Time, See Note 5
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
%
Output Power Protection
150
% IOUT
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input/Output, 60 Seconds
1,600
VDC
Case/Input, Output, 60 Seconds
1,600
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/1V
1,200
pF
Switching Frequency
330
kHz
Remote On/Off (See Page 3)
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
See Note On Page 3
3.0
12
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
5.0
mA
Control Common
Referenced to -Input (Pins 2, 3)
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Case
+100
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 3)
Case Material
Copper With Nickel Coating (UL94V-0)
Weight
0.63 Oz (18g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
36.0
VDC
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MA1200RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA1200RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1000RU MPD-MA1000RU Datasheet
354Kb / 3P
4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MD900XRU MPD-MD900XRU Datasheet
895Kb / 4P
4:1 Input, 9W SIP, Single & Dual Output DC/DC Con vert ers
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MA300ERW MPD-MA300ERW Datasheet
850Kb / 4P
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com