Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99C Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BAV99C
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV99C Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BAV99C Datasheet HTML 1Page - KEC(Korea Electronics) BAV99C Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2015. 5. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
BAV99C
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
・Small Package : SOT-23(1).
MAXIMUM RATING (Ta=25
℃)
1. CATHODE 1
2. ANODE 2
3. ANODE 1 / CATHODE 2
2
1
3
DIM
MILLIMETERS
SOT-23(1)
A
B
C
D
E
2.90 0.1
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G1.90
J
K
L
M
N
0.10
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
Lot No.
H8C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=100uA
80
-
-
V
Forward Voltage
VF(1)
IF=1mA
-
0.61
0.65
V
VF(2)
IF=10mA
-
0.74
0.8
VF(3)
IF=150mA
-
-
1.25
Reverse Current
IR
VR=80V
-
-
0.5
μA
Total Capacitance
CT
VR=0, f=1MHz
-
-
4
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
80
V
Continuous Forward Current
IF
100
mA
Surge Current (10ms)
IFSM
1
A
Power Dissipation
PD
225*
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
* Note1 : Package Mounted On FR-5 Board (25.4
×19.05×1.57mm)


Similar Part No. - BAV99C

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAV99C3 CYSTEKEC-BAV99C3 Datasheet
259Kb / 6P
High ?뱒peed double diode
logo
KEC(Korea Electronics)
BAV99C KEC-BAV99C_15 Datasheet
353Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - BAV99C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com