Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS600U/T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS600U/T
Description  0.5 Accurate Analog-Output Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS600U/T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS600U/T Datasheet HTML 1Page - Maxim Integrated Products DS600U/T Datasheet HTML 2Page - Maxim Integrated Products DS600U/T Datasheet HTML 3Page - Maxim Integrated Products DS600U/T Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS600 ±0.5°C Accurate Analog-Output Temperature Sensor
4 of 4
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
M a x i m In teg r a t ed P r od uc ts , 120 San Ga b r i e l D r iv e , Su nny va l e , CA 9 4086 4 0 8 - 73 7 - 76 00
© 2004 Maxim Integrated Products
• Printed USA
Figure 2. Output Voltage Characteristic
THERMOSTAT OPERATION
The DS600 can also be used as a thermostat with either an active-high (TO) or active-low (
TO) output. To function
as a thermostat, a precise voltage reference equal to the desired threshold must be applied to the VTH pin. When
the temperature with the equivalent voltage value is reached (voltage on VOUT = voltage on VTH), thermostat outputs
TO and
TO become active. Figure 3 shows an example thermostat application circuit.
Figure 3. Thermostat Application Circuit
80
0
100
-40
120
60
40
20
-20
0.2
0.6
1
1.4
DS600 OUTPUT CHARACTERISTIC
TEMPERATURE (°C)
509mV
VDD
GND
TO
TO
VOUT
VTH
SD
CTG
500 KΩ
MAX6007A
DS600
2.7V to 5.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com