Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS600U/R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS600U/R
Description  0.5 Accurate Analog-Output Temperature Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS600U/R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS600U/R Datasheet HTML 1Page - Maxim Integrated Products DS600U/R Datasheet HTML 2Page - Maxim Integrated Products DS600U/R Datasheet HTML 3Page - Maxim Integrated Products DS600U/R Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
REV: 040804
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS600 is a ±0.5°C accurate analog-output
temperature sensor. This accuracy is valid over its
entire operating voltage range of 2.7V to 5.5V and
the wide temperature range of -20°C to +100°C. The
DS600 can also act as a thermostat, with user-
programmable trip points. A shutdown mode enables
the DS600 to be placed in a low-power standby state.
The DS600 is available in an 8-pin µSOP package.
APPLICATIONS
Cold-Junction Thermocouple Compensation
Portable Medical Equipment
Thermally Sensitive Systems that Require a High-
Accuracy Analog-Output Temperature Sensor
TYPICAL OPERATING CIRCUIT
FEATURES
±0.5°C Accuracy (-20°C to +100°C)
±0.75°C Accuracy Over Entire Temperature
Range of(-40°C to +125°C
Requires No External Components
6.45mV/°C Output Gain with 509mV Offset at
0°C
2.7V to 5.5V Supply Voltage Range
User-Programmable Thermostat Function
Shutdown Function Puts Device into a Low-
Power Standby Mode
Exposed Pad 8-Pin µSOP Package for Quick
Thermal Response
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS600U
-40°C to +125°C
8 µSOP
DS600U/T&R
-40°C to +125°C
8 µSOP
Tape-and-Reel
PIN CONFIGURATION
DS600
±0.5 Accurate Analog-Output
Temperature Sensor
www.maxim-ic.com
TOP VIEW
6
8
7
5
3
1
2
4
VDD
TO
TO
VOUT
GND
CTG
SD
VTH
EXPOSED PAD µSOP
VDD
GND
TO
TO
VOUT
VTH
SD
CTG
2.7V to 5.5V
TO/FROM
µC
DS600
DALLAS is a registered trademark of Dallas Semiconductor Corp.
MAXIM is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS600U/R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS600U MAXIM-DS600U Datasheet
193Kb / 5P
±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Danisense A/S
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
DS600UB-1V DANISENSE-DS600UB-1V Datasheet
552Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 950A
2022-11-24
More results

Similar Description - DS600U/R

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
Analog Output Temperature Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581_V01 Datasheet
1Mb / 27P
짹1째C Accurate 8-Channel Temperature Sensor
2021
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com