Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4617-Q Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC4617-Q
Description  NPN General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4617-Q Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC4617-Q Datasheet HTML 1Page - Micro Commercial Components 2SC4617-Q Datasheet HTML 2Page - Micro Commercial Components 2SC4617-Q Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: C
2014/03/07
MCC
2SC4617
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0
25
50
75
100
125
150
0
50
100
150
200
0.1
1
10
100
10
100
1000
0.1
1
10
100
1
10
100
0
4
8
12
16
20
24
0
40
80
120
160
200
0.1
1
10
100
10
100
1000
I
C
——
V
BE
T
a
=100 ℃
T
a
=25 ℃
30
3
0.3
V
CE
=6V
BASE-EMMITER VOLTAGE
V
BE
(V)
P
c
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
30
200
T
a
=25 ℃
T
a
=100 ℃
COMMON EMITTER
V
CE
=6V
300
30
3
0.3
h
FE
——
I
C
COLLECTOR CURREMT
I
C
(mA)
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
30
3
0.3
C
ob
C
ib
30
3
C
ob
/C
ib
——
V
CB
/V
EB
REVERSE VOLTAGE
V
(V)
0.7mA
0.6mA
0.5mA
0.4mA
COMMON EMITTER
T
a
=25 ℃
I
C
——
V
CE
1/0.9/0.8mA
0.3mA
0.2mA
I
B
=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
30
200
300
30
3
0.3
V
CEsat
——
I
c
T
a
=25 ℃
T
a
=100 ℃
COMMON EMITTER
I
C
/I
B
=10
COLLECTOR CURRENT
I
c
(mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com