Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5658-S Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2SC5658-S
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC5658-S Datasheet(HTML) 3 Page - Micro Commercial Components

  2SC5658-S Datasheet HTML 1Page - Micro Commercial Components 2SC5658-S Datasheet HTML 2Page - Micro Commercial Components 2SC5658-S Datasheet HTML 3Page - Micro Commercial Components 2SC5658-S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
3 of 4
2016/02/18
www.mccsemi.com
0
25
125
150
0
25
50
75
100
125
0.1
10
0.1
1
10
P
C
—— T
a
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
20
50
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
1
REVERSE VOLTAGE V (V)
Micro Commercial Components
M C C
R
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com