Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BCX70G
Description  NPN Small Signal Transistor 250mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCX70G Datasheet(HTML) 1 Page - Micro Commercial Components

  BCX70G Datasheet HTML 1Page - Micro Commercial Components BCX70G Datasheet HTML 2Page - Micro Commercial Components BCX70G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ideally Suited for Automatic Insertion
150
oC Junction Temperature
Low Current, Low Voltage
For Switching and AF Amplifier applications.
Suited for low level, low noise, low frequency
Applications in hybrid circuits
Terminals: Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams ( approx.)
Marking :
MCC P/N
Marking
MCC P/N
Marking
BCX70G
AG
BCX70J
AJ
BCX70H
AH
BCX70K
AK
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
V
CEO
45
V
Collector-Base Voltage
V
CBO
45
V
Emitter-Base Voltage
V
EBO
5V
Collector Current(DC)
I
C
200
mA
Base Current(DC)
I
B
50
mA
Power Dissipation@T
s=79
oCP
d
250
mW
Thermal Resistance, Junction to
Ambient Air
500
(1)
oC/W
Operating & Storage Temperature
Tj,TSTG -55~150
oC
Notes:
(1) Mounted on FR-4 printed-circuit board
BCX70G
THRU
BCX70K
NPN Small
Signal Transistor
250mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
RθJA
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 3
Features
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Maximum Ratings
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - BCX70G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70G PHILIPS-BCX70G Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 15
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCX70G SIEMENS-BCX70G Datasheet
282Kb / 9P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCX70G FAIRCHILD-BCX70G Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BCX70G GE-BCX70G Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
More results

Similar Description - BCX70G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
Small Signal Diodes 250mW
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
250mW, NPN Small Signal Transistor
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
Small Signal Diodes 250mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com