Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7101 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7101
Description  75 Ohm A/B Coaxial Electromechanical Relay Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7101 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7101 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7101 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7101 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• 75 Ohm A/B Coaxial Relay Switch
• DC to 1 GHz
• Insertion Loss 0.7 dB max
• Isolation 50 dB min
• Max Power 5 Watts (CW)
Applications
• Test & Measurement
• Communications System
• Instrumentation
.
Description
The PE7100 is a 75 Ohm A/B coaxial relay switch that operates from DC to 1 GHz and has a rating of 5 Watts input power (CW).
Electrical performance includes 0.7 dB max insertion loss, 50 dB min isolation with +12 Vdc operating voltage. Performance
is guaranteed over -20°C to +60°C and the switch assembly is RoHS compliant. The package interface uses solder terminals
and BNC female connectors.
Electrical Specifications
Switch Type
A/B Coaxial
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
Impedance
75
Ohms
Operating Voltage
12
Volts
Actuating Current @ 12 Volts
45
mA
VSWR
1.75:1
Insertion Loss
0.7
dB
Isolation
50
dB
Input Power (CW)
5
Watts
. .
Electrical Specification Notes:
Max input power rated for common to switched port.
Max power of 0.5W (CW) for switched to common port.
Mechanical Specifications
Size
Length
2.88 in [73.15 mm]
Width/Diameter
1.5 in [38.1 mm]
Height
0.88 in [22.35 mm]
.
Weight
0.302 lbs [136.98 g]
Package Type
Connectorized
.
Switching Time
15 ms Max
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm A/B Coaxial Electromechanical Relay Switch DC to 1,000 MHz, BNC, 5 Watts, 12V
Control PE7101
PE7101 REV 1.1
75 Ohm A/B Coaxial Electromechanical Relay Switch
DC to 1,000 MHz, BNC, 5 Watts, 12V Control
Electromechanical Relay Switches Technical Data Sheet
PE7101


Similar Part No. - PE7101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7101 PASTERNACK-PE7101 Datasheet
115Kb / 1P
75 OHM BNC FEMALE A/B COAXIAL SWITCH FREQUENCY RANGE DC TO 1,000 MHz
More results

Similar Description - PE7101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7101 PASTERNACK-PE7101 Datasheet
115Kb / 1P
75 OHM BNC FEMALE A/B COAXIAL SWITCH FREQUENCY RANGE DC TO 1,000 MHz
PE-B305 PASTERNACK-PE-B305 Datasheet
136Kb / 1P
75 OHM COAXIAL CABLE
RG216-U PASTERNACK-RG216-U Datasheet
247Kb / 1P
75 OHM COAXIAL CABLE
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PEWGS6012 PASTERNACK-PEWGS6012 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com